Part Number Hot Search : 
TN8752BH IDT79R3 AO9926BL RFM10N50 TH3XA T221021 GBP202 TN8752BH
Product Description
Full Text Search
 

To Download BZX84C5V1W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4W - BZX84C39W
200mW SURFACE MOUNT ZENER DIODE
Features
* * * * * * Planar Die Construction 200mW Power Dissipation Zener Voltages from 2.4V - 39V Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 7) "Green" Device (Notes 1 and 2) SOT-323 Dim
A
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
A B
BC
C D E
Mechanical Data
* * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 2. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking: Date Code and Type Code, See Page 2 Weight: 0.006 grams (approximate)
G H
0.65 Nominal
G H
M
K
J K L M
J
D
F
L
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 3)
@TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RJA Tj, TSTG Value 0.9 200 625 -65 to +125 Unit V mW K/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 3) Operating and Storage Temperature Range
Ordering Information
Device (Type Number)-7-F
(Notes 2 and 6) Packaging SOT-323 Shipping 3000/Tape & Reel
* Add "-7-F" to the appropriate type number in Table 1 from Page 2 example: 6.2V Zener = BZX84C6V2W-7-F. Notes: 1. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com./products/lead_free/index.php. 2. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 3. Mounted on FR4 PC board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 4. Short duration pulse test used to minimize self-heating effect. 5. f = 1KHz. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 7. No purposefully added lead.
DS30066 Rev. 13 - 2
1 of 3 www.diodes.com
BZX84C2V4W - BZX84C39W
(c) Diodes Incorporated
Electrical Characteristics
@TA = 25C unless otherwise specified Zener Voltage Range (Note 4) Maximum Zener Impedance (Note 5) IZT Max (V) 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 ZZT @ IZT ZZK @ IZK 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 Maximum Reverse Current (Note 4) IR uA 50 20 20 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 Temperature Coefficient of Zener Voltage @ IZT = 5mA (mV/C) Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
Type Number
Marking Code Nom (V)
VZ @ IZT Min (V) 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0
BZX84C2V4W BZX84C2V7W BZX84C3V0W BZX84C3V3W BZX84C3V6W BZX84C3V9W BZX84C4V3W BZX84C4V7W BZX84C5V1W BZX84C5V6W BZX84C6V2W BZX84C6V8W BZX84C7V5W BZX84C8V2W BZX84C9V1W BZX84C10W BZX84C11W BZX84C12W BZX84C13W BZX84C15W BZX84C16W BZX84C18W BZX84C20W BZX84C22W BZX84C24W BZX84C27W BZX84C30W BZX84C33W BZX84C36W BZX84C39W
Notes:
KRB KRC KRD KRE KRF KRG KRH KR1 KR2 KR3 KR4 KR5 KR6 KR7 KR8 KR9 KP1 KP2 KP3 KP4 KP5 KP6 KP7 KP8 KP9 KPA KPB KPC KPD KPE
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30.0 33.0 36.0 39.0
4. Short duration pulse test used to minimize self-heating effect. 5. f = 1KHz.
Marking Information
XXX
Date Code Key Year Code Month Code DS30066 Rev. 13 - 2 1998 J Jan 1 1999 K Feb 2 2000 L 2001 M Mar 3 2002 N Apr 4 XXX = Product Type Marking Code, See Table Above YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2003 P May 5 2 of 3 www.diodes.com 2004 R Jun 6 2005 S 2006 T Jul 7 2007 U Aug 8 2008 V Sep 9 2009 W Oct O 2010 X 2011 Y Nov N 2012 Z Dec D
YM
BZX84C2V4W - BZX84C39W
(c) Diodes Incorporated
300
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
PD, POWER DISSIPATION (mW)
40 IZ, ZENER CURRENT (mA)
C8V2
200
30
20
100
10
Test Current IZ 5.0mA
0 0 100 TA, AMBIENT TEMPERATURE, (C) Fig. 1. Power Derating Curve 200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
Tj = 25 C
2
10
1000
30
T j = 25C
C10
CT, TOTAL CAPACITANCE (pF)
C12
VR = 1V VR = 2V
IZ, ZENER CURRENT (mA)
20
C15
100
VR = 1V
C18
10
Test current IZ 5mA
C22 C27 C33 C36 C39
VR = 2V
10
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3. Zener Breakdown Characteristics 40
1
10
100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4. Total Capacitance vs Nominal Zener Voltage
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30066 Rev. 13 - 2
3 of 3 www.diodes.com
BZX84C2V4W - BZX84C39W
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BZX84C5V1W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X